| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7282 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7282 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 23 page ![]() ST7282A5 - ST7282B5 - ROM FROM EPROM Family Issuer Ref. Chrono March 26, 1997 Previous Ref Edition ST7 PG-RO 97115 7282A5B5 Target C Page 8/23 $0024 $0025 $0026 CRC Test Reg. ( ST use ) CRC Test Reg. ( ST use ) Misc. Reg. $0027 LCD Ctrl. 2 $0028 $0029 reserved reserved $002A $002B Filter Reg. 1 Filter Reg. 2 $002C $002D $002E $002F RDS_R0 RDS_R1 RDS_R2 reserved $0030 $0031 $0032 $0033 $0034 $0035 $0036 $0037 RDS_BD_H RDS_BD_L RDS_CORRP RDS_QU RDS_INT reserved reserved reserved $0038 $0039 $003A $003B $003C $003D $003E $003F reserved reserved reserved reserved reserved reserved reserved reserved $0040 ----- $0047 LCD RAM 8 Byte MUX8 SEG.-7-0 = Byte 40 ... 47 BP1 ... BP8 = Bit0 ... Bit7 $0048 ----- $005F LCD RAM 24 Byte MUX8,11,16 SEG. 1 - 24 = Byte 48 ... 5F BP1 ... BP8 = Bit0 ... Bit7 |