Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T600161804BT Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce T600161804BT
Description  Phase Control SCR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T600161804BT Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  T600161804BT Datasheet HTML 1Page - Inchange Semiconductor Company Limited T600161804BT Datasheet HTML 2Page - Inchange Semiconductor Company Limited T600161804BT Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
T600161804BT
Phase Control SCR
FEATURES
·
High surge current capability
·
Wide current range
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Battery charges
·
Converters
·
Power supplies
·
Motor control
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1600
V
IF(AV)
Average Forward Current
TC=120℃,
180° conduction, half sine wave
175
A
IFSM
Surge Forward Current
t=10ms
No voltage
reapplied
5700
A
t=8.3ms
5970
t=10ms
100%
VRRM
reapplied
4800
t=8.3ms
5000
I2t
I2t for fusing
t=10ms
No voltage
reapplied
163
KA2s
t=8.3ms
148
t=10ms
100%
VRRM
reapplied
115
t=8.3ms
105
TJ
Junction Temperature
-40~125
Tstg
Storage Temperature Range
-40~150


Numéro de pièce similaire - T600161804BT

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
T6001618 POWEREX-T6001618 Datasheet
248Kb / 6P
Phase Control SCR (125-175 Amperes Avg 100-1600 Volts)
T6001618 POWEREX-T6001618 Datasheet
732Kb / 4P
Phase Control SCR (125-175 Amperes 1600 Volts)
More results

Description similaire - T600161804BT

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
16S IRF-16S Datasheet
251Kb / 6P
PHASE CONTROL SCR
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
PHASE CONTROL SCR
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T700163504BY POWEREX-T700163504BY Datasheet
731Kb / 4P
Phase Control SCR
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
Phase Control SCR
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
Phase Control SCR
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com