Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PMM-3738-VM1010-R Fiches technique(PDF) 7 Page - PUI audio inc.

No de pièce PMM-3738-VM1010-R
Description  Low-Noise Bottom Port Piezoelectric MEMS Microphone with Wake on Sound Feature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PUIAUDIO [PUI audio inc.]
Site Internet  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

PMM-3738-VM1010-R Fiches technique(HTML) 7 Page - PUI audio inc.

  PMM-3738-VM1010-R Datasheet HTML 1Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 2Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 3Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 4Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 5Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 6Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 7Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 8Page - PUI audio inc. PMM-3738-VM1010-R Datasheet HTML 9Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Solder Reflow Profile
Handling Instructions
PUI Audio’s piezoelectric MEMS microphones are very robust to harsh environments such as dust and
moisture. However, to avoid mechanical damage to the microphone, we recommend using
appropriate handling procedures when manually handling the parts or when using pick and place
equipment. The following guidelines will help to avoid damage:
 Do not apply a vacuum to the bottom side of the microphone. A vacuum pen may be used with
care on the top side only.
 Do not apply very high air pressure over the port hole.
 Do not insert any large particles or objects in the port hole. The microphone is robust to small
particles per IP5x specification.
 Do not board wash or clean after the reflow process or expose the acoustic port to harsh
chemicals.



Html Pages

1 2 3 4 5 6 7 8 9