Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STL72 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STL72
Description  MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL72 Fiches technique(HTML) 4 Page - STMicroelectronics

  STL72 Datasheet HTML 1Page - STMicroelectronics STL72 Datasheet HTML 2Page - STMicroelectronics STL72 Datasheet HTML 3Page - STMicroelectronics STL72 Datasheet HTML 4Page - STMicroelectronics STL72 Datasheet HTML 5Page - STMicroelectronics STL72 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STL72
4/6
DIM.
mm.
MIN.
TYP
MAX.
A
4.32
4.95
b
0.36
0.51
D
4.45
4.95
E
3.30
3.94
e
2.41
2.67
e1
1.14
1.40
L
12.70
15.49
R
2.16
2.41
S1
0.92
1.52
W
0.41
0.56
V5 O
TO-92 BULK SHIPMENT MECHANICAL DATA
0102782 C



Html Pages

1 2 3 4 5 6