Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASX11504-SW-R Fiches technique(PDF) 5 Page - PUI audio inc.

No de pièce ASX11504-SW-R
Description  Installs in minutes with spring-loaded push terminals and mounting holes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PUIAUDIO [PUI audio inc.]
Site Internet  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

ASX11504-SW-R Fiches technique(HTML) 5 Page - PUI audio inc.

  ASX11504-SW-R Datasheet HTML 1Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 2Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 3Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 4Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 5Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2018, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
ASX11504-SW-R attached to a sofa for home theater applications
In some applications, the eXciter may transmit sound through the furniture it is installed on.
If this occurs, place rubber bumpers under each foot on the piece of furniture for mechanical
isolation.
Wiring and Amplifier Connection
Ideally it is best to power each eXciter with a dedicated amplifier. If that is not possible, and
only one amplifier is available, we recommend ensuring the amplifier can provide adequate
power for the total number of eXciters being used.
In the sofa example above, four eXciters would need between 200 and 400 total watts. To
maintain a 4-ohm impedance to the amplifier, wire the eXciters series-parallel as shown
below. For best performance, the amplifier input should be connected to the LFE or
subwoofer channel of your receiver, PC, or signal source.



Html Pages

1 2 3 4 5 6