Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HB28K032MM3 Fiches technique(PDF) 21 Page - Renesas Technology Corp

No de pièce HB28K032MM3
Description  MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28K032MM3 Fiches technique(HTML) 21 Page - Renesas Technology Corp

Back Button HB28K032MM3 Datasheet HTML 17Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 18Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 19Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 20Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 21Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 22Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 23Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 24Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3
Rev.0.02, Sep.15.2004, page 21 of 89
• COPY
Defines if the contents are an original (COPY = ‘0’) or a copy (= ‘1’). The COPY bit is a one time
programmable bit, being set by the customer. The default value is ‘0’.
• PERM_WRITE_PROTECT
Permanently protects the whole card content against overwriting or erasing (all write and erase commands
for this card is a permanently disabled). This parameter is one-time programmable by the customer. The
default value is ‘0’ (not protected).
• TMP_WRITE_PROTECT
Temporarily protects the whole card content from being overwritten or erased (all write and erase
commands for this card are temporarily disabled). This parameter is programmable by the customer. The
default value is ‘0’ (not protected).
• FILE_FORMAT
Indicates the file format on the card. The default value is ‘0’. This field is read-only for ROM. The
following formats are defined:
File_Formats
FILE_FORMAT_GRP
FILE_FORMAT Type
0
0
Hard disk-like file system with partition table
0
1
DOS FAT (floppy-like) with boot sector only (no partition table)
0
2
Universal File Format
0
3
Others/Unknown
1
0, 1, 2, 3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91