Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH2R06S Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STTH2R06S
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R06S Fiches technique(HTML) 7 Page - STMicroelectronics

  STTH2R06S Datasheet HTML 1Page - STMicroelectronics STTH2R06S Datasheet HTML 2Page - STMicroelectronics STTH2R06S Datasheet HTML 3Page - STMicroelectronics STTH2R06S Datasheet HTML 4Page - STMicroelectronics STTH2R06S Datasheet HTML 5Page - STMicroelectronics STTH2R06S Datasheet HTML 6Page - STMicroelectronics STTH2R06S Datasheet HTML 7Page - STMicroelectronics STTH2R06S Datasheet HTML 8Page - STMicroelectronics STTH2R06S Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
STTH2R06
7/9
Figure 17: SMC Package Mechanical Data
Figure 18: SMC Foot Print Dimensions
(in millimeters)
E
C
L
E2
E1
D
A1
A2
b
4.25
8.65
2.20
3.30
2.20
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
2.90
3.2
0.114
0.126
c
0.15
0.41
0.006
0.016
E
7.75
8.15
0.305
0.321
E1
6.60
7.15
0.260
0.281
E2
4.40
4.70
0.173
0.185
D
5.55
6.25
0.218
0.246
L
0.75
1.60
0.030
0.063



Html Pages

1 2 3 4 5 6 7 8 9