Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH2R06U Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STTH2R06U
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R06U Fiches technique(HTML) 5 Page - STMicroelectronics

  STTH2R06U Datasheet HTML 1Page - STMicroelectronics STTH2R06U Datasheet HTML 2Page - STMicroelectronics STTH2R06U Datasheet HTML 3Page - STMicroelectronics STTH2R06U Datasheet HTML 4Page - STMicroelectronics STTH2R06U Datasheet HTML 5Page - STMicroelectronics STTH2R06U Datasheet HTML 6Page - STMicroelectronics STTH2R06U Datasheet HTML 7Page - STMicroelectronics STTH2R06U Datasheet HTML 8Page - STMicroelectronics STTH2R06U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH2R06
5/9
Figure 13: SMA Package Mechanical Data
Figure 14: SMA Foot Print Dimensions
(in millimeters)
E
C
L
E1
D
A1
A2
b
1.50
6.10
2.30
1.75
2.30
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.03
0.075
0.080
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063



Html Pages

1 2 3 4 5 6 7 8 9