Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

824-C0118F Fiches technique(PDF) 2 Page - E&E Magnetic Products Limited

No de pièce 824-C0118F
Description  TRANSFORMER, 100BASE-T, SINGLE,SOIC, 16 PIN, EXT. TEMP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EEMAGNETIC [E&E Magnetic Products Limited]
Site Internet  http://www.eemagnetic.com/
Logo EEMAGNETIC - E&E Magnetic Products Limited

824-C0118F Fiches technique(HTML) 2 Page - E&E Magnetic Products Limited

  824-C0118F Datasheet HTML 1Page - E&E Magnetic Products Limited 824-C0118F Datasheet HTML 2Page - E&E Magnetic Products Limited 824-C0118F Datasheet HTML 3Page - E&E Magnetic Products Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MECHANICAL OUTLINE
REFERENCE OR
GAUGE PLANE
.380
9.65
.246
6.25
.050 .005
1.27 0.13
±
±
.350 .010
8.89 0.25
±
±
.510
12.95
MAX
MAX
.040
1.02
4C0118F
Recommended
Pad Layout
(DATE)
EE
.405
10.29
.350
8.89
.050
1.27
.025
0.64
.346
8.80
.012 .003
0.30 0.08
±
±
TYP
.270
6.86
MAX
TYP
1. Dimensions are specified in
with higher precedence in inches.
2. Unless otherwise specified, all tolerances are
3. Coplanarity:
max.
4. "(DATE)" includes at least the manufacturing date code(in YYWW format) plus two
character country code.
±.
.004
0.10
inches
mm
.010
0.25
DRAWING NO./MODEL
SCALE
PAGE
OF
824-C0118F
DO NOT SCALE
5
01
REV
E&E Magnetic Products Ltd.



Html Pages

1 2 3