| Moteur de recherche de fiches techniques de composants électroniques |
|
AS02008MO-R Fiches technique(PDF) 1 Page - PUI audio inc. |
|
|
|||||||||||||||||||||||||||||
AS02008MO-R Fiches technique(HTML) 1 Page - PUI audio inc. |
|
1 / 5 page ![]() This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI Audio Inc. is prohibited. ©2019, PUI Audio Inc. PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414 Tel: (937) 415-5901 Fax: (937) 415-5925 Data Sheet AS02008MO-R Features: • IP65-rated design for protection against dust and water • Tesa® 4980 double-sided tape for easy installation • Great frequency response and sensitivity Speaker Specifications Parameters Values Units Rated Input Power 0.5 Watts Max Input Power 1 Watts Impedance 8 ± 15% Ohms Sensitivity @ 0.5W/0.1M (at 0.8, 1.0, 1.2, and 1.5 kHz) 94 ± 3 dB Resonant Frequency 750 ± 20% Hz Frequency Range 400 ~ 20,000 Hz Frame Material ABS - Magnet Material NdFeB - Weight 1.32 Grams Ingress Protection Rating IP65 - Acceptable Soldering Methods Hand Solder - Buzz, Rattle, etc. 2V - Environmental Compliances RoHS - Polarity Diaphragm shall move forward when a positive DC signal is applied to positive terminal - Storage Temperature -40 to +85 °C Operating Temperature -40 to +85 °C |
Numéro de pièce similaire - AS02008MO-R |
|
Description similaire - AS02008MO-R |