Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS01808AO-3-R Fiches technique(PDF) 2 Page - PUI audio inc.

No de pièce AS01808AO-3-R
Description  15 x 11 mm Slim-Line Micro Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PUIAUDIO [PUI audio inc.]
Site Internet  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01808AO-3-R Fiches technique(HTML) 2 Page - PUI audio inc.

  AS01808AO-3-R Datasheet HTML 1Page - PUI audio inc. AS01808AO-3-R Datasheet HTML 2Page - PUI audio inc. AS01808AO-3-R Datasheet HTML 3Page - PUI audio inc. AS01808AO-3-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2016. Last Revised 9/16.
AS01808AO-3-R
18x13mm Slim-Mount
Speaker
Product Overview
• 18 x 13 mm speaker with Neodymium magnet for 94 dB sensitivity
• 1W continuous, 1.2W maximum power handling and 8Ω impedance
• For space-limited applications such as cell phones and consumer electronics
• Horizontally placed solder pads
3541 Stop Eight Road • Dayton, Ohio 45414
Frequency Response (1W @ 10 cm)



Html Pages

1 2 3 4