| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH5701A01 Fiches technique(PDF) 9 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH5701A01 Fiches technique(HTML) 9 Page - OSRAM GmbH |
|
9 / 12 page ![]() Version 1.1 SFH 5701 A01 2019-01-28 9 Tape dimensions [mm] Tape dimensions in mm Reel dimensions [mm] Reel dimensions in mm Barcode-Product-Label (BPL) Dry Packing Process and Materials Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card. Regarding dry pack you will find further information in the internet. Here you will also find the normative references like JEDEC. W P 0 P 1 P 2 D 0 E F 8 + 0.3 / -0.1 4 ± 0.1 2 ± 0.05 or 4 ± 0.1 2 ± 0.05 1.5 ± 0.1 1.75 ± 0.1 3.5 ± 0.05 A W N min W 1 W 2max 180 8 60 8.4 + 2 14.4 OHA04563 (G) GROUP: 1234567890 (1T) LOT NO: (9D) D/C: 1234 (X) PROD NO: 123456789 (6P) BATCH NO: 1234567890 LX XXXX RoHS Compliant BIN1: XX-XX-X-XXX-X ML X Temp ST XXX °C X Pack: RXX DEMY XXX X_X123_1234.1234 X 9999 (Q)QTY: Semiconductors OSRAM Opto XX-XX-X-X EXAM PLE X_X123_1234.1234 X EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE XXX X_X123_1234.1234 X XX-XX-X-X EXAM PLE EXAM PLE Pack: RXX DEMY EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE (9D) D/C: 1234 EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE 1234567890 EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE EXAM PLE (6P) BATCH NO: 1234567890 EXAM PLE Semiconductors OSRAM Opto EXAM PLE EXAM PLE X_X123_1234.1234 X Pack: RXX DEMY X_X123_1234.1234 X (9D) D/C: 1234 (9D) D/C: 1234567890 (6P) BATCH NO: 1234567890 OSRAM Opto XXX X_X123_1234.1234 X XX-XX-X-X Pack: RXX DEMY Semiconductors OHA00539 OS RA M Moisture-sensitive label or print Barcode label Desiccant Humidity indicator Barcode label OSR AM M o is tu re L e v e l 3 F lo o r tim e 1 6 8 H o u rs M o is tu re L e v e l 6 F lo o r ti m e 6 H o u rs a ) H u m id ity In d ic a to r C a rd is > 1 0 % w h e n re a d a t 2 3 ˚C ± 5 ˚C , o r re flo w , v a p o r- p h a se re flo w , o r e q u iv a le n t p ro ce s si n g (p e a k p a ck a g e 2 . A ft e r th is b a g is o p e n e d , d e vi c e s th a t w ill b e s u b je c te d to in fr a re d 1 . S h e lf lif e in s e a le d b a g : 2 4 m o n th s a t < 4 0 ˚C a n d < 9 0 % re la ti ve h u m id it y (R H) . M o is tu re L e ve l 5 a a t fa c to ry co n d it io n s o f (i f b la n k, se a l d a te is id e n ti ca l w it h d a te co d e ). a ) M o u n te d w ith in b ) S to re d a t b o d y te m p . 3 . D e v ic e s re q u ir e b a k in g , b e fo re m o u n tin g , if: B a g s e a l d a te M o is tu re L e ve l 1 M o is tu re L e v e l 2 M o is tu re L e v e l 2 a 4 . If b a k in g is re q u ir e d , b ) 2 a o r 2 b is n o t m e t. D a te a n d t im e o p e n e d : re fe re n ce IP C /J E D E C J- S T D -0 3 3 fo r b a ke p ro c e d u re . F lo o r ti m e s e e b e lo w If b la n k, se e b a r c o d e la b e l F lo o r tim e > 1 Y e a r Fl o o r t im e 1 Y e a r F lo o r tim e 4 W e e k s 1 0 % R H . _ < M o is tu re L e ve l 4 M o is tu re L e v e l 5 ˚C ). O P T O S E M IC O N D U C TO R S M O IS T U R E S E N S IT IV E T hi s ba g co n ta in s C A U TI O N F lo o r tim e 7 2 H o u rs F lo o r tim e 4 8 H o u rs F lo o r ti m e 2 4 H o u rs 3 0 ˚C /6 0 % R H. _ < L E V E L If b la n k, se e b a r c o d e la b e l |