| Moteur de recherche de fiches techniques de composants électroniques |
|
CFA633-RDI-KS Fiches technique(PDF) 80 Page - Crystalfontz America, Inc. |
|
|
|||||||||||||||||||||||||||||
CFA633-RDI-KS Fiches technique(HTML) 80 Page - Crystalfontz America, Inc. |
|
80 / 88 page ![]() Crystalfontz America, Inc. Data Sheet Release Date 2012/02/21 www.crystalfontz.com CFA633-RDI-KS LCD Module (Hardware v2.0 / Firmware s2v1) February 2012 Page 80 # data = 5 my $type = '80'; my $length = '01'; my $data = '05'; my $packet = chr(hex $type) .chr(hex $length) .chr(hex $data); my $valid_crc = '5584' ; print "A CRC of Packet ($packet) Should Equal ($valid_crc)\n"; my $crc = 0xFFFF ; printf("%x\n", $crc); foreach my $char (split //, $packet) { # newCrc = (newCrc >> 8) ^ crcLookupTable[(newCrc ^ *bufptr++) & 0xff]; # & is bitwise AND # ^ is bitwise XOR # >> bitwise shift right $crc = ($crc >> 8) ^ $CRC_LOOKUP[($crc ^ ord($char) ) & 0xFF] ; # print out the running crc at each byte printf("%x\n", $crc); } # get the complement $crc = ~$crc ; $crc = ($crc & 0xFFFF) ; # print out the crc in hex printf("%x\n", $crc); Algorithm 7: For PIC18F8722 or PIC18F2685 This code was written by customer Virgil Stamps of ATOM Instrument Corporation for our CFA635 module. ; CRC Algorithm for CrystalFontz CFA635 display (DB535) ; This code written for PIC18F8722 or PIC18F2685 ; ; Your main focus here should be the ComputeCRC2 and ; CRC16_ routines ; ;=================================================================== ComputeCRC2: movlb RAM8 movwf dsplyLPCNT ;w has the byte count nxt1_dsply: movf POSTINC1,w call CRC16_ decfsz dsplyLPCNT goto nxt1_dsply movlw .0 ; shift accumulator 16 more bits call CRC16_ movlw .0 call CRC16_ comf dsplyCRC,F ; invert result comf dsplyCRC+1,F return ;=================================================================== CRC16_ movwf: dsplyCRCData ; w has byte to crc movlw .8 movwf dsplyCRCCount |