Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T89C51SND1-ROTIL Fiches technique(PDF) 5 Page - ATMEL Corporation

No de pièce T89C51SND1-ROTIL
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51SND1-ROTIL Fiches technique(HTML) 5 Page - ATMEL Corporation

  T89C51SND1-ROTIL Datasheet HTML 1Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 2Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 3Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 4Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 5Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 6Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 7Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 8Page - ATMEL Corporation T89C51SND1-ROTIL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
T8xC51SND1
Rev. D – 15-Nov-01
Table 2. Clock Signal Description
Table 3. Timer 0 and Timer 1 Signal Description
P2.7:0
I/O
Port 2
P2 is an 8-bit bidirectional I/O port with internal pull-ups.
A15:8
P3.7:0
I/O
Port 3
P3 is an 8-bit bidirectional I/O port with internal pull-ups.
RXD
TXD
INT0#
INT1#
T0
T1
WR#
RD#
P4.7:0
I/O
Port 4
P4 is an 8-bit bidirectional I/O port with internal pull-ups.
MISO
MOSI
SCK
SS#
P5.3:0
I/O
Port 5
P5 is a 4-bit bidirectional I/O port with internal pull-ups.
-
Signal
Name
Type
Description
Alternate
Function
X1
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to
this pin. If an external oscillator is used, its output is connected to this
pin. X1 is the clock source for internal timing.
-
X2
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to
this pin. If an external oscillator is used, leave X2 unconnected.
-
FILT
I
PLL Low Pass Filter input
FILT receives the RC network of the PLL low pass filter.
-
Signal
Name
Type
Description
Alternate
Function
INT0#
I
Timer 0 Gate Input
INT0# serves as external run control for timer 0, when selected by
GATE0 bit in TCON register.
External Interrupt 0
INT0# input sets IE0 in the TCON register. If bit IT0 in this register is
set, bit IE0 is set by a falling edge on INT0#. If bit IT0 is cleared, bit IE0
is set by a low level on INT0#.
P3.2
INT1#
I
Timer 1 Gate Input
INT1# serves as external run control for timer 1, when selected by
GATE1 bit in TCON register.
External Interrupt 1
INT1# input sets IE1 in the TCON register. If bit IT1 in this register is
set, bit IE1 is set by a falling edge on INT1#. If bit IT1 is cleared, bit IE1
is set by a low level on INT1#.
P3.3
Signal
Name
Type
Description
Alternate
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60