Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM372V413CS Fiches technique(PDF) 19 Page - Samsung semiconductor

No de pièce KMM372V413CS
Description  4M x 72 DRAM DIMM with ECC using 2Mx8, Dual Bank 2K Refresh, 3.3V
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM372V413CS Fiches technique(HTML) 19 Page - Samsung semiconductor

Back Button KMM372V413CS Datasheet HTML 11Page - Samsung semiconductor KMM372V413CS Datasheet HTML 12Page - Samsung semiconductor KMM372V413CS Datasheet HTML 13Page - Samsung semiconductor KMM372V413CS Datasheet HTML 14Page - Samsung semiconductor KMM372V413CS Datasheet HTML 15Page - Samsung semiconductor KMM372V413CS Datasheet HTML 16Page - Samsung semiconductor KMM372V413CS Datasheet HTML 17Page - Samsung semiconductor KMM372V413CS Datasheet HTML 18Page - Samsung semiconductor KMM372V413CS Datasheet HTML 19Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
DRAM MODULE
KMM372V413CK/CS
PACKAGE DIMENSIONS
5.250
5.014
Units : Inches (millimeters)
0.050
0.039
±.002
0.01Max
(0.25 Max)
.150Max
(3.81Max)
0.050
±0.0039
(1.270
±0.10)
R 0.079
(R 2.000)
0.250
(6.350)
1.450
(36.830)
2.150
(54.61)
0.350
(1.000
±.050)
(1.270)
Detail C
.118DIA
±.004
(3.000DIA
±.100)
(8.890)
A
B
C
0.250
(6.350)
.450
(11.430)
4.550
(115.57)
0.157
±0.004
(4.000
±0.100)
0.054
(1.372)
(127.350)
(133.350)
0.118
(3.000)
0.250
(6.350)
Detail A
0.123
±.005
(3.125
±.125)
0.250
(6.350)
Detail B
0.123
±.005
(3.125
±.125)
0.079
±.004
(2.000
±.100)
0.079
±.004
(2.000
±.100)
( Back view )
( Front view )
TSOP
.350Max
(8.89Max)
SOJ
Tolerances :
±.005(.13) unless otherwise specified
The used device is 2Mx8 DRAM with Fast Page mode, SOJ or TSOP II. (Forward)
DRAM Part No. : KMM372V413CK/CS - KM48V2100CK and KM48V2100CS.
Revision History
Rev 0.0 : Aug. 1997



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19