| Moteur de recherche de fiches techniques de composants électroniques |
|
40D201K Fiches technique(PDF) 3 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
40D201K Fiches technique(HTML) 3 Page - Shanghai Yint Electronic Co., Ltd |
|
3 / 3 page ![]() High-Energy Varistors Trustworthy electronic circuit protection expert 40Dseries www.yint.com.cn Rev:19.3 3 型号规格 Part NO 压敏电压 Varistor Voltage 最大允许使用电 压 Maximum allowable voltage 最大限制电压 Maximum Limited Voltage 通流容量 Withstanding Surge current(8/20μs)times 静态功率 Rated Wattage 能量耐量 Energy ( 2ms) 0.1mA AC DC Ipp200A 1t 2t ( W) μ S J (V) (V) (V) (A) 40D201K 200 185-225 130 170 340 40 20 1.4 10/1000 260 40D221K 220 198-242 140 180 360 40 20 1.4 10/1000 280 40D241K 240 216-264 150 200 395 40 20 1.4 10/1000 300 40D271K 270 243-297 175 225 455 40 20 1.4 10/1000 340 40D301K 300 270-330 190 250 500 40 20 1.4 10/1000 360 40D331K 330 297-363 210 275 550 40 20 1.4 10/1000 380 40D361K 360 324-396 230 300 595 40 20 1.4 10/1000 405 40D391K 390 351-429 250 320 650 40 20 1.4 10/1000 435 40D431K 430 387-473 275 350 710 40 20 1.4 10/1000 500 40D471K 470 423-517 300 385 775 40 20 1.4 10/1000 505 40D511K 510 459-561 320 415 845 40 20 1.4 10/1000 505 40D561K 560 504-616 350 460 925 40 20 1.4 10/1000 510 40D621K 620 558-682 385 505 1025 40 20 1.4 10/1000 515 40D681K 680 612-748 420 560 1120 40 20 1.4 10/1000 560 40D821K 820 738-902 510 670 1355 40 20 1.4 10/1000 680 40D911K 910 819-1001 550 745 1500 40 20 1.4 10/1000 750 40D102K 1000 900-1100 625 825 1650 40 20 1.4 10/1000 780 40D122K 1200 1080-1320 750 980 1980 40 20 1.4 10/1000 800 40D152K 1500 1350-1650 900 1220 2475 40 20 1.4 10/1000 900 40D182K 1800 1620-1980 1000 1465 2970 40 20 1.4 10/1000 1080 注:压敏电压测试电流 DC1Ma 工作环境温度:-45℃~ +85℃ 加强型温度:-45℃~ +125℃压敏电压温度变化率:<0.05/℃ Note: Voltage-sensitive voltage test current DC1Ma working environment temperature: - 45 ~85, intensified temperature: - 45 +125, temperature change rate of voltage-sensitive voltage: < 0.05/. Disclaimer Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. |