Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8802SCFTV Fiches technique(PDF) 34 Page - Wolfson Microelectronics plc

No de pièce WM8802SCFTV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFTV Fiches technique(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8802SCFTV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8802SCFTV Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
34
LEFT
CHANNEL
RIGHT
CHANNEL
TLRCK (I)
TBCK (I)
TDATA (I)
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
16 to 24 bits
16 to 24 bits
Figure 26 Data Input Timing – Left Justified Data Input
VALIDITY FLAG INPUT (VI)
Validity flags can be input from RX5/VI by switching the RX5/VI input contents with VISEL.
The validity flag write timing is shown below. The validity flag can be written with the micro-controller
interface but port settings have priority.
Writing validity flags with the micro-controller interface is done using VMODE.
RX5/VI
OUTPUT CONDITIONS
0
No error
1
Error
Table 15 RX5/V1 Input
V-L2
V-R2
V-L3
V-R1
V-L1
L1
L2
L3
R2
R1
TLRCK
TBCK
VI
Internal latch signal
Figure 27 Validity Flag Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65