| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8802SCFV Fiches technique(PDF) 51 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8802SCFV Fiches technique(HTML) 51 Page - Wolfson Microelectronics plc |
|
51 / 65 page ![]() Product Preview WM8802 w PP Rev 1.1 April 2004 51 MODULATION FUNCTION System setting, general-purpose I/O data input: REGISTER ADDRESS DI7 DI6 DI5 DI4 DI3 DI2 DI1 DI0 1 0 1 0 0 0 CAU CAL DI15 DI14 DI13 DI12 DI11 DI10 DI9 DI8 CCB address: 0xE8; Command address: 10 PI3 PI2 PI1 PI0 0 VMODE VISEL UISEL UISEL RX6/UI pin setting 0: RX6 demodulation function data input (initial value) 1: UI modulation function user data input VISEL RX5/VI pin setting 0: RX5 demodulation function data input (initial value) 1: VI modulation function validity flag input VMODE Modulation function V flag setting 0: Write 0. (initial value) 1: Write 1. GPI0 Data input during general-purpose I/O GPIO0 output setting 0: Output L. (initial value) 1: Output H. GPI1 Data input during general-purpose I/O GPIO1 output setting 0: Output L. (initial value) 1: Output H. GPI2 Data input during general-purpose I/O GPIO2 output setting 0: Output L. (initial value) 1: Output H. GPI3 Data input during general-purpose I/O GPIO3 output setting 0: Output L. (initial value) 1: Output H. Set GPIOEN to Low if using general-purpose I/Os GPIO0 to GPIO3 as outputs. |