| Moteur de recherche de fiches techniques de composants électroniques |
|
6D-13 Fiches technique(PDF) 8 Page - Shanghai Yint Electronic Co., Ltd |
|
|
|||||||||||||||||||||||||||||
6D-13 Fiches technique(HTML) 8 Page - Shanghai Yint Electronic Co., Ltd |
|
8 / 8 page ![]() 值 得 信 赖 的 电 子 电 路 Negative Temperature Coefficient 负温度系数热敏电阻 过 电 流 过 电 压 保 护 专 家 Model No: MF72 功率型热敏电阻系列 NOTE: ALL DATA AND SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE ALL PRODUCTS COMPATIBLE WITH ROHS 更多详细信息请登陆 www.yint.com.cn ⑦、金属腐蚀可能会造成设备功能故障,故在选择材质时应确保金属护套型及螺钉紧固型NTC热敏电阻与安装的金属件之间不会产 生接触的电位差。 Metal corrosion may cause equipment fault, so make sure not between metal metal support and screw fastening type NTC thermistor and installation of the contact potential difference in the choice of materials. ⑧、功率型NTC 周围应避免安装发热和易燃元件,建议选用弯脚上部引线较高的产品,使NTC热敏电阻在线路板上高出其它元件, 以免发热影响其它元件正常工作。 Around the power type NTC should be avoided to install heat and flammable components, recommended products with higher bending the upper lead, the NTC thermistor on the circuit board is higher than other elements, so as not to affect the normal work of other heating element. ⑨、NTC 热敏电阻是按不同的功能用途分别进行设计的,如有疑问可与我司联络。 NTC thermistor is designed according to different functions, such as the question can contact with me. |