| Moteur de recherche de fiches techniques de composants électroniques |
|
18F258 Fiches technique(PDF) 76 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
18F258 Fiches technique(HTML) 76 Page - Microchip Technology |
|
76 / 484 page ![]() PIC18F2480/2580/4480/4580 DS39637A-page 74 Preliminary 2004 Microchip Technology Inc. Address Name Address Name Address Name Address Name E7Fh CANCON E6Fh CANCON E5Fh CANCON E4Fh CANCON E7Eh CANSTAT E6Eh CANSTAT E5Eh CANSTAT E4Eh CANSTAT E7Dh B5D7(3) E6Dh B4D7(3) E5Dh B3D7(3) E4Dh B2D7(3) E7Ch B5D6(3) E6Ch B4D6(3) E5Ch B3D6(3) E4Ch B2D6(3) E7Bh B5D5(3) E6Bh B4D5(3) E5Bh B3D5(3) E4Bh B2D5(3) E7Ah B5D4(3) E6Ah B4D4(3) E5Ah B3D4(3) E4Ah B2D4(3) E79h B5D3(3) E69h B4D3(3) E59h B3D3(3) E49h B2D3(3) E78h B5D2(3) E68h B4D2(3) E58h B3D2(3) E48h B2D2(3) E77h B5D1(3) E67h B4D1(3) E57h B3D1(3) E47h B2D1(3) E76h B5D0(3) E66h B4D0(3) E56h B3D0(3) E46h B2D0(3) E75h B5DLC(3) E65h B4DLC(3) E55h B3DLC(3) E45h B2DLC(3) E74h B5EIDL(3) E64h B4EIDL(3) E54h B3EIDL(3) E44h B2EIDL(3) E73h B5EIDH(3) E63h B4EIDH(3) E53h B3EIDH(3) E43h B2EIDH(3) E72h B5SIDL(3) E62h B4SIDL(3) E52h B3SIDL(3) E42h B2SIDL(3) E71h B5SIDH(3) E61h B4SIDH(3) E51h B3SIDH(3) E41h B2SIDH(3) E70h B5CON (3) E60h B4CON(3) E50h B3CON(3) E40h B2CON(3) E3Fh CANCON E2Fh CANCON E1Fh —E0Fh — E3Eh CANSTAT E2Eh CANSTAT E1Eh —E0Eh — E3Dh B1D7(3) E2Dh B0D7(3) E1Dh —E0Dh — E3Ch B1D6(3) E2Ch B0D6(3) E1Ch —E0Ch — E3Bh B1D5(3) E2Bh B0D5(3) E1Bh —E0Bh — E3Ah B1D4(3) E2Ah B0D4(3) E1Ah —E0Ah — E39h B1D3(3) E29h B0D3(3) E19h — E09h — E38h B1D2(3) E28h B0D2(3) E18h — E08h — E37h B1D1(3) E27h B0D1(3) E17h — E07h — E36h B1D0(3) E26h B0D0(3) E16h — E06h — E35h B1DLC(3) E25h B0DLC(3) E15h — E05h — E34h B1EIDL(3) E24h B0EIDL(3) E14h — E04h — E33h B1EIDH(3) E23h B0EIDH(3) E13h — E03h — E32h B1SIDL(3) E22h B0SIDL(3) E12h — E02h — E31h B1SIDH(3) E21h B0SIDH(3) E11h — E01h — E30h B1CON(3) E20h B0CON(3) E10h — E00h — TABLE 5-1: SPECIAL FUNCTION REGISTER MAP FOR PIC18F2480/2580/4480/4580 DEVICES (CONTINUED) Note 1: RE3 bit only available when MCLRE = 0; otherwise, the bit reads as ‘0’. 2: Bits and registers available only when ENPORTS = 1; otherwise, the registers/bits read as ‘0’. 3: When any TX_ENn bit in RX_TX_SELn is set, then the corresponding bit in this register has transmit properties. 4: This is not a physical register. |