Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MBR3545 Fiches technique(PDF) 2 Page - GeneSiC Semiconductor, Inc.

No de pièce MBR3545
Description  Silicon Power Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENESIC [GeneSiC Semiconductor, Inc.]
Site Internet  http://www.genesicsemi.com/
Logo GENESIC - GeneSiC Semiconductor, Inc.

MBR3545 Fiches technique(HTML) 2 Page - GeneSiC Semiconductor, Inc.

  MBR3545 Datasheet HTML 1Page - GeneSiC Semiconductor, Inc. MBR3545 Datasheet HTML 2Page - GeneSiC Semiconductor, Inc. MBR3545 Datasheet HTML 3Page - GeneSiC Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MBR3545 thru MBR35100R
C
A
A
C
Stud Stud
(R)
C
A
A
C
Stud Stud
(R)
DO- 4 (DO-203AA)
J
G
F
A
E
D
P
N
B
C
M
Inches
Millimeters
Min
Max
Min
Max
A
10-32 UNF
B
0.424
0.437
10.77
11.10
C
-----
0.505
-----
12.82
D
------
0.800
-----
20.30
E
0.453
0.492
11.50
12.50
F
0.114
0.140
2.90
3.50
G
-----
0.405
-----
10.29
J
-----
0.216
-----
5.50
M
-----
φ0.302
-----
φ7.68
N
0.031
0.045
0.80
1.15
P
0.070
0.79
1.80
2.00
2
Oct. 2018
http://www.diodemodule.com/silicon_products/studs/mbr3545.pdf



Html Pages

1 2 3