Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP435LS Fiches technique(PDF) 4 Page - Anachip Corp

No de pièce AP435LS
Description  Dual Linear Controller With Shutdown
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AP435LS Fiches technique(HTML) 4 Page - Anachip Corp

  AP435LS Datasheet HTML 1Page - Anachip Corp AP435LS Datasheet HTML 2Page - Anachip Corp AP435LS Datasheet HTML 3Page - Anachip Corp AP435LS Datasheet HTML 4Page - Anachip Corp AP435LS Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP435/435L
Dual Linear Controller With Shutdown
( Preliminary )
Anachip Corp.
www.anachip.com.tw
Rev.0B Dec.02, 2002
4/5
Package Outline
(1) Plastic Dual-in-line Package:PDIP-8L
7
15 (4X)
(4X)
D
PIN #1 INDENT O0.025 DEEP 0.006-0.008
E-PIN O0.118 NOTE 9
B2
B1
B
e
S
E
C
eB
Dimensions in millimeters
Dimensions in inches
Symbols
Min.
Nom.
Max.
Min.
Nom.
Max.
A
−
−
5.33
−
−
0.210
A1
0.38
−
−
0.015
−
−
A2
3.1
3.30
3.5
0.122
0.130
0.138
B
0.36
0.46
0.56
0.014
0.018
0.022
B1
1.4
1.52
1.65
0.055
0.060
0.065
B2
0.81
0.99
1.14
0.032
0.039
0.045
C
0.20
0.25
0.36
0.008
0.010
0.014
D
9.02
9.27
9.53
0.355
0.365
0.375
E
7.62
7.94
8.26
0.300
0.313
0.325
E1
6.15
6.35
6.55
0.242
0.250
0.258
e
−
2.54
−
−
0.100
−
L
2.92
3.3
3.81
0.115
0.130
0.150
eB
8.38
8.89
9.40
0.330
0.350
0.370
S
0.71
0.84
0.97
0.028
0.033
0.038



Html Pages

1 2 3 4 5