| Moteur de recherche de fiches techniques de composants électroniques |
|
ATE-R11-3W Fiches technique(PDF) 10 Page - Shanghai Toplite Technology Company Limited |
|
|
|||||||||||||||||||||||||||||
ATE-R11-3W Fiches technique(HTML) 10 Page - Shanghai Toplite Technology Company Limited |
|
10 / 10 page ![]() TECHNICAL DATA SHEET ATE-R11-3W <TOPLITE COB MODULE> 9 / 9 A/1 ATE-R11-3W SERIES Revision issued in 2014. 6. USE STANDARD & PRECAUTIONS Before use TOPLITE COB product, carefully read the specifications; Handling with care for this product Never touch the optical surface with finger or sharp object. The LED surface could be soiled or damaged, which could affect the optical performance of the LED. Do not apply direct pressure on the optical surface. Do not touch the resin with tweezers to avoid scratching or other damage. In work environment, please keep handling the LEDs with appropriate ESD grounding. because this is a semiconductor product. Please take adequate measures to prevent any static electricity being produced:such as the wearing of a wristband or anti-static gloves when handling this product. |