Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMS320DM643 Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMS320DM643
Description  Video/Imaging Fixed-Point Digital Signal Processo
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM643 Fiches technique(HTML) 27 Page - Texas Instruments

Back Button TMS320DM643 Datasheet HTML 23Page - Texas Instruments TMS320DM643 Datasheet HTML 24Page - Texas Instruments TMS320DM643 Datasheet HTML 25Page - Texas Instruments TMS320DM643 Datasheet HTML 26Page - Texas Instruments TMS320DM643 Datasheet HTML 27Page - Texas Instruments TMS320DM643 Datasheet HTML 28Page - Texas Instruments TMS320DM643 Datasheet HTML 29Page - Texas Instruments TMS320DM643 Datasheet HTML 30Page - Texas Instruments TMS320DM643 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 160 page
background image
www.ti.com
VP1D[19]/AXR0[7]
McASP0
(Multichannel Audio Serial Port 0)
VP1D[18]/AXR0[6]
ACLKX0
AHCLKX0
Transmit
Clock
Generator
AMUTEIN0
Auto Mute
Logic
AMUTE0
AFSX0
Transmit
Frame Sync
AFSR0
Receive Frame
Sync
VP1D[17]/AXR0[5]
VP1D[16]/AXR0[4]
ACLKR0
AHCLKR0
Receive Clock
Generator
VP1D[15]/AXR0[3]
VP1D[14]/AXR0[2]
VP1D[13]/AXR0[1]
VP1D[12]/AXR0[0]
8-Serial Ports
Flexible
Partitioning
Tx, Rx, OFF
Transmit
Clock Check
Circuit
Receive Clock
Check Circuit
Error Detect(A)
(Transmit/Receive Data Pins)
(Transmit/Receive Data Pins)
(Receive Bit Clock)
(Transmit Bit Clock)
(Receive Master Clock)
(Transmit Master Clock)
(Receive Frame Sync or
Left/Right Clock)
(Transmit Frame Sync or
Left/Right Clock)
A. The McASP’s Error Detect function detects underruns, overruns, early/late frame syncs, DMA errors, and external mute input.
NOTES: On multiplexed pins, bolded text denotes the active function of the pin for that particular peripheral module.
Bolded and italicized text within parentheses denotes the function of the pins in an audio system.
2.5.3
Terminal Functions
TMS320DM643
Video/Imaging Fixed-Point Digital Signal Processor
SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005
Figure 2-14. McASP0 Peripheral Signals
Table 2-4, the terminal functions table, identifies the external signal names, the associated pin (ball)
numbers along with the mechanical package designator, the pin type (I, O/Z, or I/O/Z), whether the pin
has any internal pullup/pulldown resistors and a functional pin description. For more detailed information
on device configuration, peripheral selection, multiplexed/shared pins, and debugging considerations, see
the Device Configurations section of this data sheet.
Device Overview
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More