| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM643 Fiches technique(PDF) 138 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM643 Fiches technique(HTML) 138 Page - Texas Instruments |
|
138 / 160 page ![]() www.ti.com TMS320DM643 Video/Imaging Fixed-Point Digital Signal Processor SPRS269A – FEBRUARY 2005 – REVISED APRIL 2005 Table 5-60. Ethernet MAC (EMAC) Control Registers (continued) HEX ADDRESS RANGE ACRONYM REGISTER NAME 01C8 0124 RX1FLOWTHRESH 01C8 0128 RX2FLOWTHRESH 01C8 012C RX3FLOWTHRESH 01C8 0130 RX4FLOWTHRESH Reserved. Do not write. 01C8 0134 RX5FLOWTHRESH 01C8 0138 RX6FLOWTHRESH 01C8 013C RX7FLOWTHRESH 01C8 0140 RX0FREEBUFFER Receive Channel 0 Free Buffer Count Register 01C8 0144 RX1FREEBUFFER 01C8 0148 RX2FREEBUFFER 01C8 014C RX3FREEBUFFER 01C8 0150 RX4FREEBUFFER Reserved. Do not write. 01C8 0154 RX5FREEBUFFER 01C8 0158 RX6FREEBUFFER 01C8 015C RX7FREEBUFFER 01C8 0160 MACCONTROL MAC Control Register 01C8 0164 MACSTATUS MAC Status Register (RXQOSACT field is reserved.) 01C8 0168 – 01C8 016C – Reserved 01C8 0170 TXINTSTATRAW Transmit Interrupt Status (Unmasked) Register 01C8 0174 TXINTSTATMASKED Transmit Interrupt Status (Masked) Register 01C8 0178 TXINTMASKSET Transmit Interrupt Mask Set Register 01C8 017C TXINTMASKCLEAR Transmit Interrupt Mask Clear Register 01C8 0180 MACINVECTOR MAC Input Vector Register 01C8 0184 – 01C8 018F – Reserved Receive Interrupt Status (Unmasked) Register 01C8 0190 RXINTSTATRAW (Bits 7–1 are reserved.) Receive Interrupt Status (Masked) Register 01C8 0194 RXINTSTATMASKED (Bits 7–1 are reserved.) Receive Interrupt Mask Set Register 01C8 0198 RXINTMASKSET (Bits 7–1 are reserved and only support writes of 0.) Receive Interrupt Mask Clear Register 01C8 019C RXINTMASKCLEAR (Bits 7–1 are reserved and only support writes of 0.) 01C8 01A0 MACINTSTATRAW MAC Interrupt Status (Unmasked) Register 01C8 01A4 MACINTSTATMASKED MAC Interrupt Status (Masked) Register 01C8 01A8 MACINTMASKSET MAC Interrupt Mask Set Register 01C8 01AC MACINTMASKCLEAR MAC Interrupt Mask Clear Register 01C8 01B0 MACADDRL0 MAC Address Channel 0 Lower Byte Register 01C8 01B4 MACADDRL1 01C8 01B8 MACADDRL2 01C8 01BC MACADDRL3 01C8 01C0 MACADDRL4 Reserved. Do not write. 01C8 01C4 MACADDRL5 01C8 01C8 MACADDRL6 01C8 01CC MACADDRL7 01C8 01D0 MACADDRM MAC Address Middle Byte Register 01C8 01D4 MACADDRH MAC Address High Bytes Register 01C8 01D8 MACHASH1 MAC Address Hash 1 Register 01C8 01DC MACHASH2 MAC Address Hash 2 Register 138 DM643 Peripheral Information and Electrical Specifications |