| Moteur de recherche de fiches techniques de composants électroniques |
|
ADRF5721 Fiches technique(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADRF5721 Fiches technique(HTML) 5 Page - Analog Devices |
|
5 / 17 page ![]() Data Sheet ADRF5721 Rev. 0 | Page 5 of 17 TIMING SPECIFICATIONS See Figure 24, Figure 25, and Figure 26 for the timing diagrams. Table 2. Parameter Description Min Typ Max Unit tSCK Minimum serial period, see Figure 24 70 ns tCS Control setup time, see Figure 24 15 ns tCH Control hold time, see Figure 24 20 ns tLN LE setup time, see Figure 24 15 ns tLEW Minimum LE pulse width, see Figure 24 and Figure 26 10 ns tLES Minimum LE pulse spacing, see Figure 24 630 ns tCKN Serial clock hold time from LE, see Figure 24 0 ns tPH Hold time, see Figure 26 10 ns tPS Setup time, see Figure 26 2 ns tCO Clock to output (SEROUT) time, see Figure 25 20 ns |