Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAF130C Fiches technique(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No de pièce SMAF130C
Description  Surface mount transient voltage suppressor power 200 watts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Site Internet  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMAF130C Fiches technique(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMAF130C Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF130C Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF130C Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF130C Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd. SMAF130C Datasheet HTML 5Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Characteristics at Ta = 25
°C
Type
Reverse
Stand-off
Voltage
Breakdown
Voltage
VRMW
VBR @ I
T
Min
Max
V
V
V
Test
Current
Reverse
Leakage
Max. Clamp
Voltage
Peak Pulse
Current
I
T
mA
μA
IR @ V
RWM
VC @ I
PP
I
PP
V
A
Table 1
UNI
BI
μA
UNI
BI
SMAF
Package
Device Marking Ccode
UNI
BI
SMAF5.0
SMAF5.0A
SMAF6.0
SMAF6.0A
SMAF6.5
SMAF6.5A
SMAF7.0
SMAF7.0A
SMAF7.5
SMAF7.5A
SMAF8.0
SMAF8.0A
SMAF8.5
SMAF8.5A
SMAF9.0
SMAF9.0A
SMAF10
SMAF10A
SMAF11
SMAF11A
SMAF12
SMAF12A
SMAF13
SMAF13A
SMAF14
SMAF14A
SMAF15
SMAF15A
SMAF16
SMAF16A
SMAF17
SMAF17A
SMAF18
SMAF18A
SMAF20
SMAF20A
SMAF22
SMAF22A
SMAF24
SMAF24A
SMAF26
SMAF26A
SMAF28
SMAF28A
SMAF30
SMAF30A
SMAF33
SMAF33A
SMAF36
SMAF36A
SMAF40
SMAF40A
SMAF43
SMAF43A
SMAF45
SMAF5.0C
SMAF5.0CA
SMAF6.0C
SMAF6.0CA
SMAF6.5C
SMAF6.5CA
SMAF7.0C
SMAF7.0CA
SMAF7.5C
SMAF7.5CA
SMAF8.0C
SMAF8.0CA
SMAF8.5C
SMAF8.5CA
SMAF9.0C
SMAF9.0CA
SMAF10C
SMAF10CA
SMAF11C
SMAF11CA
SMAF12C
SMAF12CA
SMAF13C
SMAF13CA
SMAF14C
SMAF14CA
SMAF15C
SMAF15CA
SMAF16C
SMAF16CA
SMAF17C
SMAF17CA
SMAF18C
SMAF18CA
SMAF20C
SMAF20CA
SMAF22C
SMAF22CA
SMAF24C
SMAF24CA
SMAF26C
SMAF26CA
SMAF28C
SMAF28CA
SMAF30C
SMAF30CA
SMAF33C
SMAF33CA
SMAF36C
SMAF36CA
SMAF40C
SMAF40A
SMAF43C
SMAF43CA
SMAF45C
5
5
6
6
6.5
6.5
7
7
7.5
7.5
8
8
8.5
8.5
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
20
20
22
22
24
24
26
26
28
28
30
30
33
33
36
36
40
40
43
43
45
6.4
6.4
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10
10
11.1
11.1
12.2
12.2
13.3
13.3
14.4
14.4
15.6
15.6
16.7
16.7
17.8
17.8
18.9
18.9
20
20
22.2
22.2
24.4
24.4
26.7
26.7
28.9
28.9
31.1
31.1
33.3
33.3
36.7
36.7
40
40
44.4
44.4
47.8
47.8
50
7.82
7.07
8.15
7.37
8.82
7.98
9.51
8.6
10.2
9.21
10.9
9.83
11.5
10.4
12.2
11.1
13.6
12.3
14.9
13.5
16.3
14.7
17.6
15.9
19.1
17.2
20.4
18.5
21.8
19.7
23.1
20.9
24.4
22.1
27.1
24.5
29.8
26.9
32.6
29.5
35.3
31.9
38
34.4
40.7
36.8
44.9
40.6
48.9
44.2
54.3
49.1
58.4
52.8
61.1
10
10
10
10
10
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1600
1600
1600
1600
1000
1000
400
400
200
200
100
100
20
20
10
10
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
800
800
800
800
500
500
200
200
100
100
50
50
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12
14.3
12.9
15
13.6
15.9
14.4
16.9
15.4
18.8
17
20.1
18.2
22
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26
30.5
27.6
32.2
29.2
35.8
32.4
39.4
35.5
43
38.9
46.6
42.1
50
45.4
53.5
48.4
59
53.3
64.3
58.1
71.4
64.5
76.7
69.4
80.3
41.7
43.85
35.1
38.8
32.5
35.7
30.1
33.3
28
31
26.7
29.4
25.2
27.8
23.7
26
21.3
23.5
19.9
22
18.2
20.1
16.8
18.6
15.5
17.2
14.9
16.4
13.9
15.4
13.1
14.5
12.4
13.7
11.2
12.3
10.2
11.3
9.3
10.3
8.6
9.5
8
8.8
7.5
8.3
6.8
7.5
6.2
6.9
5.6
6.2
5.2
5.8
5
5.0V
5.0A
6.0V
6.0A
6.5V
6.5A
7.0V
7.0A
7.5V
7.5A
8.0V
8.0A
8.5V
8.5A
9.0V
9.0A
10V
10A
11V
11A
12V
12A
13V
13A
14V
14A
15V
15A
16V
16A
17V
17A
18V
18A
20V
20A
22V
22A
24V
24A
26V
26A
28V
28A
30V
30A
33V
33A
36V
36A
40V
40A
43V
43A
45V
5.0C
5.0D
6.0C
6.0D
6.5C
6.5D
7.0C
7.0D
7.5C
7.5D
8.0C
8.0D
8.5C
8.5D
9.0C
9.0D
10C
10D
11C
11D
12C
12D
13C
13D
14C
14D
15C
15D
16C
16D
17C
17D
18C
18D
20C
20D
22C
22D
24C
24D
26C
26D
28C
28D
30C
30D
33C
33D
36C
36D
40C
40D
43C
43D
45C
Surface mount transient voltage suppressor power 200 watts
SMAF5.0A THRU SMAF220A
http://www.trr-jx.com
version: 02



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com