| Moteur de recherche de fiches techniques de composants électroniques |
|
IXFL40N110P Fiches technique(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXFL40N110P Fiches technique(HTML) 2 Page - IXYS Corporation |
|
2 / 6 page ![]() IXFL40N110P IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. IXYS MOSFETs and IGBTs are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 B1 6,683,344 6,727,585 7,005,734 B2 7,157,338B2 by one or more of the following U.S. patents: 4,860,072 5,017,508 5,063,307 5,381,025 6,259,123 B1 6,534,343 6,710,405 B2 6,759,692 7,063,975 B2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 B1 6,583,505 6,710,463 6,771,478 B2 7,071,537 Symbol Test Conditions Characteristic Values (T J = 25C Unless Otherwise Specified) Min. Typ. Max. g fs V DS = 20V, ID = 20A, Note 1 20 32 S C iss 19 nF C oss V GS = 0V, VDS = 25V, f = 1MHz 1070 pF C rss 46 pF R Gi Gate Input Resistance 1.65 t d(on) 53 ns t r 55 ns t d(off) 110 ns t f 54 ns Q g(on) 310 nC Q gs V GS = 10V, VDS = 0.5 • VDSS, ID = 20A 95 nC Q gd 142 nC R thJC 0.35 C/W R thCS 0.15 C/W Source-Drain Diode Symbol Test Conditions Characteristic Values (T J = 25C Unless Otherwise Specified) Min. Typ. Max. I S V GS = 0V 40 A I SM Repetitive, Pulse Width Limited by T JM 160 A V SD I F = IS, VGS = 0V, Note 1 1.5 V t rr 300 ns Q RM 2.2 C I RM 16.0 A Note 1. Pulse test, t 300s, duty cycle, d 2%. I F = 20A, -di/dt = 100A/s V R = 100V, VGS = 0V Resistive Switching Times V GS = 10V, VDS = 0.5 • VDSS, ID = 20A R G = 1 (External) |