| Moteur de recherche de fiches techniques de composants électroniques |
|
ADMV4420ACPZ-R2 Fiches technique(PDF) 41 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADMV4420ACPZ-R2 Fiches technique(HTML) 41 Page - Analog Devices |
|
41 / 61 page ![]() Data Sheet ADMV4420 Rev. A | Page 41 of 61 CONTROL REGISTERS Table 8. Control Register Map Register Address Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W 0x000 ADI_SPI_ CONFIG_1 [7:0] SOFTRESET_ LSB_ FIRST_ ENDIAN_ SDOACTIVE_ SDOACTIVE ENDIAN LSB_FIRST SOFTRESET 0x00 R/W 0x001 ADI_SPI_ CONFIG_2 [7:0] SINGLE_ INSTRUCTION CSB_ STALL MASTER_ SLAVE_RB RESERVED MASTER_SLAVE_ TRANSFER 0x00 R/W 0x003 CHIPTYPE [7:0] CHIPTYPE 0x01 R 0x004 PRODUCT_ ID_L [7:0] PRODUCT_ID_L 0x03 R 0x005 PRODUCT_ ID_H [7:0] PRODUCT_ID_H 0x00 R 0x00A SCRATCHPAD [7:0] SCRATCHPAD 0x00 R/W 0x00B SPI_REV [7:0] SPI_REV 0x00 R 0x103 ENABLES [7:0] RESERVED EN_PLL EN_LO RESERVED EN_VCO EN_IFAMP EN_MIXER EN_LNA 0x6F R/W 0x108 SDO_LEVEL [7:0] RESERVED SDO_LEVEL RESERVED 0x05 R/W 0x200 INT_L [7:0] INT[7:0] 0xA7 R/W 0x201 INT_H [7:0] INT[15:8] 0x00 R/W 0x202 FRAC_L [7:0] FRAC[7:0] 0x02 R/W 0x203 FRAC_M [7:0] FRAC[15:8] 0x00 R/W 0x204 FRAC_H [7:0] FRAC[23:16] 0x00 R/W 0x208 MOD_L [7:0] MOD[7:0] 0x04 R/W 0x209 MOD_M [7:0] MOD[15:8] 0x00 R/W 0x20A MOD_H [7:0] MOD[23:16] 0x00 R/W 0x20C R_DIV_L [7:0] R_DIV[7:0] 0x01 R/W 0x20D R_DIV_H [7:0] RESERVED R_DIV[9:8] 0x00 R/W 0x20E REFERENCE [7:0] RESERVED END_REF_ X2 REF_IN_ MODE RDIV2_SEL 0x00 R/W 0x211 VCO_DATA_ READBACK1 [7:0] VCO_DATA_READBACK[7:0] 0x00 R 0x212 VCO_DATA_ READBACK2 [7:0] RESERVED VCO_DATA_READBACK[10:8] 0x00 R 0x213 PLL_ MUX_SEL [7:0] PLL_MUX_SEL 0x01 R/W 0x214 LOCK_ DETECT [7:0] LD_BIAS LD_COUNT RESERVED 0x98 R/W 0x215 VCO_BAND_ SELECT [7:0] VCO_BAND_SELECT 0x00 R/W 0x216 VCO_ALC_ TIMEOUT [7:0] RESERVED VCO_ALC_TIMEOUT 0x00 R/W 0x217 VCO_ MANUAL [7:0] RESERVED VCO_CORE_SELECT VCO_BIAS_ADJUST 0x01 R/W 0x219 ALC [7:0] RESERVED EN_ALC RESERVED 0x13 R/W 0x21C VCO_ TIMEOUT1 [7:0] VCO_TIMEOUT[7:0] 0x90 R/W 0x21D VCO_ TIMEOUT2 [7:0] RESERVED VCO_TIMEOUT[9:8] 0x01 R/W 0x21E VCO_BAND_ DIV [7:0] VCO_BAND_DIV 0x4B R/W 0x21F VCO_ READBACK_SEL [7:0] RESERVED VCO_READBACK_SEL 0x18 R/W 0x226 AUTOCAL [7:0] RESERVED EN_ AUTOCAL RESERVED 0x02 R/W 0x22C CP_STATE [7:0] RESERVED CP_STATE 0x07 R/W 2x22D CP_BLEED_EN [7:0] RESERVED EN_BLEED 0x01 R/W 0x22E CP_CURRENT [7:0] RESERVED CP_CURRENT 0x03 R/W 0x22F CP_BLEED [7:0] BICP 0x0C R/W |