Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BDX88C Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce BDX88C
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BDX88C Fiches technique(HTML) 2 Page - STMicroelectronics

  BDX88C Datasheet HTML 1Page - STMicroelectronics BDX88C Datasheet HTML 2Page - STMicroelectronics BDX88C Datasheet HTML 3Page - STMicroelectronics BDX88C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.45
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 100 V
VCB = 100 V
T case = 150
oC
0.5
5
mA
mA
ICEO
Collector Cut-off
Current (IB = 0)
VCB = 50 V
1
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
1mA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
100
V
VCE(sat)
∗ Collector-emitter
Saturation Voltage
IC = 6 A
IB = 24 mA
IC = 12 A
IB = 120 mA
2
3
V
V
VBE(sat)
∗ Base-emitter
Saturation Voltage
IC = 12 A
IB =120 mA
4
V
VBE
∗
Base-emitter Voltage
IC = 6 A
VCE = 3 V
2.8
V
hFE
∗
DC Current Gain
IC = 5 A
VCE = 3 V
IC = 6 A
VCE = 3 V
IC = 12 A
VCE = 3 V
1000
750
100
18000
VF
∗
Parallel-diode Forward
Voltage
IF = 3 A
IF = 8 A
2.5
1.8
V
V
hfe
∗
Small SignalCurrent
Gain
IC = 5 A
VCE = 3 V
f = 1MHz
25
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP types voltage and current values are negative.
BDX87C-BDX88C
2/4



Html Pages

1 2 3 4