Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM186EM Fiches technique(PDF) 36 Page - Advanced Micro Devices

No de pièce AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Fiches technique(HTML) 36 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 32Page - Advanced Micro Devices AM186EM Datasheet HTML 33Page - Advanced Micro Devices AM186EM Datasheet HTML 34Page - Advanced Micro Devices AM186EM Datasheet HTML 35Page - Advanced Micro Devices AM186EM Datasheet HTML 36Page - Advanced Micro Devices AM186EM Datasheet HTML 37Page - Advanced Micro Devices AM186EM Datasheet HTML 38Page - Advanced Micro Devices AM186EM Datasheet HTML 39Page - Advanced Micro Devices AM186EM Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
36
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Figure 4.
Am186EM Microcontroller—Read and Write with Address Bus Disable In Effect
Figure 5.
Am188EM Microcontroller Address Bus—Normal Read and Write Operation
CLKOUTA
t1
t2
t3
t4
AD15–AD0
(Write)
Data
LCS, UCS
AD15–AD8
(Read)
AD7–AD0
(Read)
Address
Phase
Data
Data
Phase
Data
A19–A0
Address
CLKOUTA
t1
t2
t3
t4
AD7–AD0
(Read)
Data
AO15–AO8
(Read or Write)
AD7–AD0
(Write)
Address
Address
Data
Address
Address
Phase
Data
Phase
A19–A0
Address
LCS or UCS
MCSx, PCSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98