Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXFL100N50P Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce IXFL100N50P
Description  Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFL100N50P Fiches technique(HTML) 1 Page - IXYS Corporation

  IXFL100N50P Datasheet HTML 1Page - IXYS Corporation IXFL100N50P Datasheet HTML 2Page - IXYS Corporation IXFL100N50P Datasheet HTML 3Page - IXYS Corporation IXFL100N50P Datasheet HTML 4Page - IXYS Corporation IXFL100N50P Datasheet HTML 5Page - IXYS Corporation IXFL100N50P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
500
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
500
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C
68
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
250
A
I
A
T
C = 25C
100
A
E
AS
T
C = 25C5
J
dv/dt
I
S
 I
DM, VDD  VDSS, TJ  150C
20
V/ns
P
D
T
C = 25C
625
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force
40..120 / 9..27
N/lb.
V
ISOL
50/60 Hz, RMS
t = 1 min
2500
V~
I
ISOL  1 mA
t = 1 s
3000
V~
Weight
8g
Symbol
Test Conditions
Characteristic Values
(T
J = 25C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 3mA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.0
V
I
GSS
V
GS = 30V, VDS = 0V
200 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
A
T
J = 125C
2 mA
R
DS(on)
V
GS = 10V, ID = 50A, Note 1
52 m
IXFL100N50P
V
DSS
=
500V
I
D25
=
68A
R
DS(on)

52m
t
rr

200ns
DS99563F(8/17)
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
Features
Silicon Chip on Direct-Copper-Bond
Substrate
- High Power Dissipation
- Isolated Mounting Surface
- 2500V~ Electrical Isolation
Avalanche Rated
Low Package Inductance
Fast Intrinsic Rectifier
Low R
DS(on) and QG
Advantages
Easy to Mount
Space Savings
AApplications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
AC Motor Control
High Speed Power Switching
Appliccation
PolarTM HiPerFETTM
Power MOSFET
(Electrically Isolated Tab)
ISOPLUS264
G = Gate
D
= Drain
S = Source
G
D
S
Isolated Tab


Numéro de pièce similaire - IXFL100N50P

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXFL100N50P IXYS-IXFL100N50P Datasheet
211Kb / 5P
PolarHV HiPerFET Power MOSFET
More results

Description similaire - IXFL100N50P

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com