Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

83C152JB Fiches technique(PDF) 9 Page - Intel Corporation

No de pièce 83C152JB
Description  UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

83C152JB Fiches technique(HTML) 9 Page - Intel Corporation

Back Button 83C152JB Datasheet HTML 5Page - Intel Corporation 83C152JB Datasheet HTML 6Page - Intel Corporation 83C152JB Datasheet HTML 7Page - Intel Corporation 83C152JB Datasheet HTML 8Page - Intel Corporation 83C152JB Datasheet HTML 9Page - Intel Corporation 83C152JB Datasheet HTML 10Page - Intel Corporation 83C152JB Datasheet HTML 11Page - Intel Corporation 83C152JB Datasheet HTML 12Page - Intel Corporation 83C152JB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8XC152JAJBJCJD
MAX Icc (ACTIVE) e (224 c FREQ) a 416 (Note 6)
MAX Icc (IDLE) e (08 c FREQ) a 22 (Note 6)
270431 – 7
Figure 5 ICC vs Frequency
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters The first char-
acter is always a ‘T’ (stands for time) The other
characters depending on their positions stand for
the name of a signal or the logical status of that
signal The following is a list of all the characters and
what they stand for
A
Address
C
Clock
D
Input data
H
Logic level HIGH
I
Instruction (program memory contents)
L
Logic level LOW or ALE
P
PSEN
Q
Output data
R
READ signal
T
Time
V
Valid
W
WRITE signal
X
No longer a valid logic level
Z
Float
For example
TAVLL e Time for Address Valid to ALE Low
TLLPL e Time for ALE Low to PSEN Low
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17