| Moteur de recherche de fiches techniques de composants électroniques |
|
STTH5R06 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STTH5R06 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 9 page ![]() ® 1/9 Table 1: Main Product Characteristics IF(AV) 5 A VRRM 600 V Tj 175°C VF (typ) 1.4 V trr (max) 40 ns STTH5R06 TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER Table 3: Absolute Ratings (limiting values) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 600 V IF(RMS) RMS forward voltage TO-220AC / TO-220FPAC / D2PAK 20 A DPAK 10 IF(AV) Average forward current TO-220AC / DPAK / D2PAK Tc = 135°C δ = 0.5 5 A TO-220FPAC Tc = 105°C δ = 0.5 5 IFSM Surge non repetitive forward current tp = 10ms sinusoidal 50 A Tstg Storage temperature range -65 to + 175 °C Tj Maximum operating junction temperature 175 °C K A TO-220AC STTH5R06D K A TO-220FPAC STTH5R06FP K A NC D2PAK STTH5R06G K A NC DPAK STTH5R06B September 2004 REV. 4 FEATURES AND BENEFITS ■ Ultrafast switching ■ Low reverse recovery current ■ Low thermal resistance ■ Reduces switching losses DESCRIPTION The STTH5R06, which is using ST Turbo 2 600V technology, is specially suited as boost diode in continuous mode power factor corrections and hard switching conditions. This device is also intended for use as a free wheeling diode in power supplies and other power switching applications. Table 2: Order Codes Part Number Marking STTH5R06D STTH5R06D STTH5R06FP STTH5R06FP STTH5R06B STTH5R06B Part Number Marking STTH5R06B-TR STTH5R06B STTH5R06G STTH5R06G STTH5R06G-TR STTH5R06G |
Numéro de pièce similaire - STTH5R06 |
|
Description similaire - STTH5R06 |