Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPT175 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce SPT175
Description  8-BIT, 20 MSPS CMOS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SPT175 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  SPT175 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT175 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT175 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT175 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT175 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT175 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT175 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT175 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SPT
6
6/24/97
SPT1175
PACKAGE OUTLINES
24-Lead Plastic DIP
24-Lead SOIC
1
24
A
B
CD
E
F
G
I H
A
B
C
D
E
1
24
J
F
G
H
K
I
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.130
0.230
3.30
5.84
B
0.115
0.200
2.92
5.08
C
0.014
0.023
0.36
0.58
D
0.045
0.070
1.14
1.78
E
.100 typ
2.54
0.00
F
0.008
0.015
0.20
0.38
G
0.115
0.195
2.92
4.95
H
.30 typ
7.62
0.00
I
0.240
0.310
6.10
7.87
J
1.180
1.285
29.97
32.64
K
.005 typ
0.13
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.587
0.606
14.90
15.40
B
C
.050 typ
1.27 typ
D
0.014
0.022
0.35
0.55
E
0.006
0.012
0.15
0.30
F
0.067
0.089
1.70
2.25
G
0.012
0.028
0.30
0.70
H
0.295
0.327
7.50
8.30
I
0.205
0.220
5.20
5.60



Html Pages

1 2 3 4 5 6 7 8