| Moteur de recherche de fiches techniques de composants électroniques |
|
STR-A6000MZ Fiches technique(PDF) 21 Page - Sanken electric |
|
|
|||||||||||||||||||||||||||||
STR-A6000MZ Fiches technique(HTML) 21 Page - Sanken electric |
|
21 / 26 page ![]() STR-A6000MZ/HZ Series STR-A6000MZ/HZ - DS Rev.1.2 SANKEN ELECTRIC CO.,LTD. 21 Mar.13, 2015 C1 C6 R1 D1 D2 R2 C2 T1 C51 D P S PC1 C3 ROCP C5 1 2 3 4 D/ST BR NC S/OCP FB/OLP GND 8 7 5 STR-A6000×Z U1 A DST CY D51 (1) Main trace should be wide trace and small loop (6) Main trace of secondary side should be wide trace and small loop (7)Trace of D/ST pin should be wide for heat release (2) Control GND trace should be connected at a single point as close to the ROCP as possible (3) Loop of the power supply should be small (4)ROCP should be as close to S/OCP pin as possible. (5)The components connected to the IC should be as close to the IC as possible, and should be connected as short as possible D/ST VCC RC RA RB C4 Figure 10-5 Peripheral circuit example around the IC |