Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT4530M Fiches technique(PDF) 9 Page - Active-Semi, Inc

No de pièce ACT4530M
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4530M Fiches technique(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4530M Datasheet HTML 5Page - Active-Semi, Inc ACT4530M Datasheet HTML 6Page - Active-Semi, Inc ACT4530M Datasheet HTML 7Page - Active-Semi, Inc ACT4530M Datasheet HTML 8Page - Active-Semi, Inc ACT4530M Datasheet HTML 9Page - Active-Semi, Inc ACT4530M Datasheet HTML 10Page - Active-Semi, Inc ACT4530M Datasheet HTML 11Page - Active-Semi, Inc ACT4530M Datasheet HTML 12Page - Active-Semi, Inc ACT4530M Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ACT4530M
Rev 1.0, 04-Jan-2019
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2019 Active-Semi, Inc.
Current Sense Resistor
The traces leading to and from the sense resistor
can be significant error sources. With small value
sense resistors, trace resistance shared with the
load can cause significant errors. It is recommended
to connect the sense resistor pads directly to the
CSP and CSN pins using “Kelvin” or “4-wire”
connection techniques as shown below.
Current Limit Setting
If output current hits current limit, output voltage
drops to keep the current to a constant value.
The following equation calculates the constant
current limit.
Where Rcs is current sense resistor.
APPLICATIONS INFORMATION
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14