Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P9225-R Fiches technique(PDF) 4 Page - Integrated Device Technology

No de pièce P9225-R
Description  Dual-Mode Wireless Power Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

P9225-R Fiches technique(HTML) 4 Page - Integrated Device Technology

  P9225-R Datasheet HTML 1Page - Integrated Device Technology P9225-R Datasheet HTML 2Page - Integrated Device Technology P9225-R Datasheet HTML 3Page - Integrated Device Technology P9225-R Datasheet HTML 4Page - Integrated Device Technology P9225-R Datasheet HTML 5Page - Integrated Device Technology P9225-R Datasheet HTML 6Page - Integrated Device Technology P9225-R Datasheet HTML 7Page - Integrated Device Technology P9225-R Datasheet HTML 8Page - Integrated Device Technology P9225-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
P9225-R Datasheet
© 2018 Integrated Device Technology, Inc.
4
November 12, 2018
Table 11. Firmware Minor Revision...................................................................................................................................................................23
Table 12. Status Registers ................................................................................................................................................................................23
Table 13. Interrupt Status Registers..................................................................................................................................................................24
Table 14. Interrupt Enable Registers.................................................................................................................................................................24
Table 15. Battery Charge Status .......................................................................................................................................................................25
Table 16. End Power Transfer...........................................................................................................................................................................25
Table 17. Read Register – Output Voltage........................................................................................................................................................25
Table 18. Read Register – VRECT Voltage ......................................................................................................................................................25
Table 19. Read Register – IOUT Current.............................................................................................................................................................25
Table 20. Read Register – Die Temperature.....................................................................................................................................................26
Table 21. Read Register – Operating Frequency..............................................................................................................................................26
Table 22. Command Register............................................................................................................................................................................26
Table 23. Clear Interrupt Bits.............................................................................................................................................................................27
Table 24. WPC Power Transfer Phase Indicator Register ................................................................................................................................27
Table 25. Recommended Coil Manufacturers...................................................................................................................................................30
Table 26. P9225-R MM Evaluation Kit V1.0 Bill of Materials.............................................................................................................................32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34