| Moteur de recherche de fiches techniques de composants électroniques |
|
IXTP08N50D2 Fiches technique(PDF) 6 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTP08N50D2 Fiches technique(HTML) 6 Page - IXYS Corporation |
|
6 / 7 page ![]() IXTY08N50D2 IXTA08N50D2 IXTP08N50D2 IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions. TO-220 Outline 1 - Gate 2,4 - Drain 3 - Source E1 E A D1 D Q L1 oP H1 A1 L A2 D2 e c e1 e1 3X b2 e 3X b EJECTOR PIN TO-252 AA Outline 1 - Gate 2,4 - Drain 3 - Source L1 b2 e1 L4 E A c2 H A1 A2 L2 L A e c 0 e1 e1 e1 e1 e1 OPTIONAL 5.55MIN 1.25MIN 6.50MIN 2.28 6.40 BOTTOM VIEW 2.85MIN LAND PATTERN RECOMMENDATION 4 1 2 3 4 L3 b3 TO-263 Outline 1 - Gate 2,4 - Drain 3 - Source C2 A H 1 b D E D1 E1 b2 L2 L1 2 3 4 L3 A2 A1 e c e 0 0.43 [11.0] 0.66 [16.6] 0.06 [1.6] 0.10 [2.5] 0.20 [5.0] 0.34 [8.7] 0.12 [3.0] |