Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF8621 Fiches technique(PDF) 4 Page - Microchip Technology

No de pièce PIC18LF8621
Description  64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF8621 Fiches technique(HTML) 4 Page - Microchip Technology

  PIC18LF8621 Datasheet HTML 1Page - Microchip Technology PIC18LF8621 Datasheet HTML 2Page - Microchip Technology PIC18LF8621 Datasheet HTML 3Page - Microchip Technology PIC18LF8621 Datasheet HTML 4Page - Microchip Technology PIC18LF8621 Datasheet HTML 5Page - Microchip Technology PIC18LF8621 Datasheet HTML 6Page - Microchip Technology PIC18LF8621 Datasheet HTML 7Page - Microchip Technology PIC18LF8621 Datasheet HTML 8Page - Microchip Technology PIC18LF8621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 396 page
background image
PIC18F6525/6621/8525/8621
DS39612B-page 2
 2005 Microchip Technology Inc.
Pin Diagrams
PIC18F6525
1
2
3
4
5
6
7
8
9
10
11
12
13
14
38
37
36
35
34
33
50 49
17 18 19 20 21 22 23 24 25 26
RE1/WR/P2C
RE0/RD/P2D
RG0/ECCP3/P3A
RG1/TX2/CK2
RG2/RX2/DT2
RG3/CCP4/P3D
MCLR/VPP/RG5(2)
RG4/CCP5/P1D
VSS
VDD
RF7/SS
RF6/AN11
RF5/AN10/CVREF
RF4/AN9
RF3/AN8
RF2/AN7/C1OUT
RB0/INT0/FLT0
RB1/INT1
RB2/INT2
RB3/INT3
RB4/KBI0
RB5/KBI1/PGM
RB6/KBI2/PGC
VSS
OSC2/CLKO/RA6
OSC1/CLKI
VDD
RB7/KBI3/PGD
RC4/SDI/SDA
RC3/SCK/SCL
RC2/ECCP1/P1A
RC5/SDO
15
16
31
40
39
27 28 29 30
32
48
47
46
45
44
43
42
41
54 53 52 51
58 57 56 55
60 59
64 63 62 61
64-Pin TQFP
Note
1:
ECCP2/P2A are multiplexed with RC1 when CCP2MX is set, or RE7 when CCP2MX is not set.
2:
RG5 is multiplexed with MCLR and is only available when the MCLR Resets are disabled.
PIC18F6621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More