| Moteur de recherche de fiches techniques de composants électroniques |
|
CB2 Fiches technique(PDF) 25 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
CB2 Fiches technique(HTML) 25 Page - Eaton All Rights Reserved. |
|
25 / 27 page ![]() 25 EATON www.eaton.com Marking Options & Accessories Blocks to be marked on both sides require a different code for each side. Example: “L1” on one side of the block requires “L2” on the other side to ensure common terminal marking. Specify by adding suffix to part number. Special Marking Special markings are available upon request at an additional charge for preparation. Production charges for setup, handling and marking are the same as for standard marking and the same quantity discounts apply. Consult factory for price and delivery. Standard Marking Markings are applied directly to the sides of A0, CB0, A1, CB11, A2, LP2, CB2, A3, LP3, CB3, A38, B38, A&B4. Standard characters are white and 1/8” high. Factory may substitute 3/32” high characters. All Marking Options Single RowTerminal Blocks For additional product information, visit www.bussmann.com 1 2 3 3 2 1 K G 3 3AC TER MAX PUT 134 GND BLU M L1 L2 L3 L4 L5 L6 Closed Barrier Terminal Block Marking Options for (CB11, CB2 and CB3) L1 & LT1 = Upright numerals, numbered from left to right L2 & LT2 = Upright numerals, numbered from right to left L3 = Left lying numerals, numbered from left to right L4 = Right lying numerals, numbered from right to left L5 & LT5 = Upside down numerals, numbered from right to left L6 & LT6 = Upside down numerals, numbered from left to right |