Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC32AXT-E/ST Fiches technique(PDF) 13 Page - Microchip Technology

No de pièce 24LC32AXT-E/ST
Description  32KIC Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32AXT-E/ST Fiches technique(HTML) 13 Page - Microchip Technology

Back Button 24LC32AXT-E/ST Datasheet HTML 9Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 10Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 11Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 12Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 13Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 14Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 15Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 16Page - Microchip Technology 24LC32AXT-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2003 Microchip Technology Inc.
DS21713D-page 13
24AA32A/24LC32A
8.0
PACKAGING INFORMATION
8.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
T/XXYYWW
NNN
8-Lead TSSOP
Example:
24LC32A
I/P13F
0327
24LC32A
I/SN0327
13F
4LA
I327
13F
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4L32AI
32713F
8-Lead SOIC (208 mil)
Example:
XXXXXXXX
T/XXXXXX
YYWWNNN
24LC32A
I/SM
032713F
Legend:
XX...X
Customer specific information*
T
Temperature grade (I, E)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*Standard QTP marking consists of Microchip part number, year code, week code, and traceability code.
Device
TSSOP
Marking Codes
STD
Rot
Pb-free
Rot
24AA32A
4AA
4AAX
G4AA
G4AAX
24LC32A
4LA
4LAX
G4LA
G4LAX
Device
MSOP
Marking Codes
STD
Pb-free
24AA32A
4A32
G4AA
24LC32A
4L32A
G4LA
Note:
Pb-free part number using “G” suffix
is marked on carton
XXXX
TYWW
NNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26