Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95640-RBN6T Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M95640-RBN6T
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RBN6T Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M95640-RBN6T Datasheet HTML 4Page - STMicroelectronics M95640-RBN6T Datasheet HTML 5Page - STMicroelectronics M95640-RBN6T Datasheet HTML 6Page - STMicroelectronics M95640-RBN6T Datasheet HTML 7Page - STMicroelectronics M95640-RBN6T Datasheet HTML 8Page - STMicroelectronics M95640-RBN6T Datasheet HTML 9Page - STMicroelectronics M95640-RBN6T Datasheet HTML 10Page - STMicroelectronics M95640-RBN6T Datasheet HTML 11Page - STMicroelectronics M95640-RBN6T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
M95640, M95320
8/42
SPI Modes
These devices can be driven by a microcontroller
with its SPI peripheral running in either of the two
following modes:
–
CPOL=0, CPHA=0
–
CPOL=1, CPHA=1
For these two modes, input data is latched in on
the rising edge of Serial Clock (C), and output data
is available from the falling edge of Serial Clock
(C).
The difference between the two modes, as shown
in Figure 5., is the clock polarity when the bus
master is in Stand-by mode and not transferring
data:
–
C remains at 0 for (CPOL=0, CPHA=0)
–
C remains at 1 for (CPOL=1, CPHA=1)
Figure 5. SPI Modes Supported
AI01438B
C
MSB
CPHA
D
0
1
CPOL
0
1
Q
C
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42