| Moteur de recherche de fiches techniques de composants électroniques |
|
LMX2336UTM Fiches technique(PDF) 4 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX2336UTM Fiches technique(HTML) 4 Page - National Semiconductor (TI) |
|
4 / 48 page ![]() Pin Descriptions Pin Name Pin No. LMX2336U 20-Pin UTCSP Pin No. LMX2336U 20-Pin TSSOP Pin No. LMX2336U 24-Pin CSP Pin No. LMX2335U 16-Pin TSSOP Pin No. LMX2335U 16-Pin CSP I/O Description V CC 20 1 24 1 16 – Power supply bias for the RF1 PLL analog and digital circuits. V CC may range from 2.7V to 5.5V. Bypass capacitors should be placed as close as possible to this pin and be connected directly to the ground plane. V P RF1 1 2 2 2 1 – RF1 PLL charge pump power supply. Must be ≥ V CC. D o RF1 2 3 3 3 2 O RF1 PLL charge pump output. The output is connected to the external loop filter, which drives the input of the VCO. GND 3 4 4 4 3 – LMX2335U: Ground for the RF1 PLL analog and digital circuits. LMX2336U: Ground for the RF1 PLL digital circuitry. f IN RF1 4 5 5 5 4 I RF1 PLL prescaler input. Small signal input from the VCO. f IN RF1 5 6 6 X X I LMX2335U: Don’t care. LMX2336U: RF1 PLL prescaler complementary input. For single ended operation, this pin should be AC grounded. The LMX2336U RF1 PLL can be driven differentially when the bypass capacitor is omitted. GND 6 7 7 X X – LMX2335U: Don’t care. LMX2336U: Ground for the RF1 PLL analog circuitry. OSC in 7 8 8 6 5 I Oscillator input. It has an approximate V CC/2 input threshold and can be driven from an external CMOS or TTL logic gate. OSC out 8 9 10 7 6 O Oscillator output. This output is connected directly to a crystal. If a TCXO is used, it is left open. F oLD 9 10 11 8 7 O Programmable multiplexed output pin. Functions as a general purpose CMOS TRI-STATE output, RF1/RF2 PLL push-pull analog lock detect output, N and R divider output, or Fastlock output, which connects a parallel resistor to the external loop filter. Clock 10 11 12 9 8 I MICROWIRE Clock input. High impedance CMOS input. Data is clocked into the 22-bit shift register on the rising edge of Clock. Data 11 12 14 10 9 I MICROWIRE Data input. High impedance CMOS input. Binary serial data. The MSB of Data is entered first. The last two bits are the control bits. LE 12 13 15 11 10 I MICROWIRE Latch Enable input. High impedance CMOS input. When LE transitions HIGH, Data stored in the shift registers is loaded into one of 4 internal control registers. www.national.com 4 |