Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95640-SDW6 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce M95640-SDW6
Description  32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-SDW6 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button M95640-SDW6 Datasheet HTML 17Page - STMicroelectronics M95640-SDW6 Datasheet HTML 18Page - STMicroelectronics M95640-SDW6 Datasheet HTML 19Page - STMicroelectronics M95640-SDW6 Datasheet HTML 20Page - STMicroelectronics M95640-SDW6 Datasheet HTML 21Page - STMicroelectronics M95640-SDW6 Datasheet HTML 22Page - STMicroelectronics M95640-SDW6 Datasheet HTML 23Page - STMicroelectronics M95640-SDW6 Datasheet HTML 24Page - STMicroelectronics M95640-SDW6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
21/42
M95640, M95320
POWER-UP AND DELIVERY STATE
Power-up State
After Power-up, the device is in the following state:
–
Standby Power mode
–
deselected (after Power-up, a falling edge is
required on Chip Select (S) before any
instructions can be started).
–
not in the Hold Condition
–
the Write Enable Latch (WEL) is reset to 0
–
Write In Progress (WIP) is reset to 0
The SRWD, BP1 and BP0 bits of the Status Reg-
ister are unchanged from the previous power-
down (they are non-volatile bits).
INITIAL DELIVERY STATE
The device is delivered with the memory array set
at all 1s (FFh). The Status Register Write Disable
(SRWD) and Block Protect (BP1 and BP0) bits are
initialized to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42