| Moteur de recherche de fiches techniques de composants électroniques |
|
S-817B13AMC-CWC-T2 Fiches technique(PDF) 11 Page - Seiko Instruments Inc |
|
|
|||||||||||||||||||||||||||||
S-817B13AMC-CWC-T2 Fiches technique(HTML) 11 Page - Seiko Instruments Inc |
|
11 / 50 page ![]() SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR Rev.3.0_00 S-817 Series Seiko Instruments Inc. 11 Measurement Circuits 1 . VSS VOUT VIN V A + + Figure 8 2. VSS VOUT VIN A Figure 9 3. VSS VOUT VIN V A + + Figure 10 Standard Circuit VSS VOUT VIN CIN *1 CL *2 INPUT OUTPUT GND Single GND *1. CIN is a capacitor used to stabilize input. *2. A ceramic capacitor of 0.1 µF or more can be used for CL. Figure 11 Caution The above connection diagram and constant will not guarantee successful operation. Perform through evaluation using the actual application to set the constant. |