Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD25VE32CHMS Fiches technique(PDF) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD25VE32CHMS
Description  Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE32CHMS Fiches technique(HTML) 59 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE32CHMS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CHMS Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE32C
59
10.6.
Package TFBGA-24BALL (5*5 ball array)
A
B
C
D
E
4
3
2
1
A
B
C
D
E
1
2
3
4
E
D
E1
e
e
D1
Φb
5
5
SE
Dimensions
Symbol
A
A1
A2
b
D
D1
E
E1
e
SE
SD
Unit
mm
Min
0.26
0.35
5.90
4.00
BSC
7.90
4.00
BSC
1.00
BSC
1.00
TYP
1.00
TYP
Nom
0.31
0.85
0.40
6.00
8.00
Max
1.20
0.36
0.45
6.10
8.10
Inch
Min
0.010
0.014
0.232
0.157
BSC
0.311
0.157
BSC
0.039
BSC
0.039
TYP
0.039
TYP
Nom
0.012
0.033
0.016
0.236
0.315
Max
0.047
0.014
0.018
0.240
0.319
Note:Both package length and width do not include mold flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63