| Moteur de recherche de fiches techniques de composants électroniques |
|
GD25WD80CTJG Fiches technique(PDF) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25WD80CTJG Fiches technique(HTML) 21 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
21 / 47 page ![]() Uniform Sector Standard and Dual Serial Flash GD25WD80C 21 7.14. Release from Deep Power-Down / Read Device ID (ABH) The Release from Power-Down and Read Device ID command is a multi-purpose command, which can be used to release the device from the Power-Down state or obtain the devices electronic identification (ID) number. When used to release the device from the Power-Down state, the command is issued by driving the CS# pin low, shifting the instruction code “ABH” and driving CS# high as shown in Figure14. Release from Power-Down will take the time duration of tRES1 (See AC Characteristics) before the device will resume normal operation and other c omm and are accepted. The CS# pin must keep high during the tRES1 time duration. When used only to obtain the Device ID while not in the Power-Down state, the command is initiated by driving the CS# pin low and shifting the instruction code “ABH” followed by 3-dummy byte. The Device ID bits are then shifted out on the falling edge of SCLK with most significant bit (MSB) first as shown in Figure15. The Device ID value for the GD25WD80C is listed in Manufacturer and Device Identification table. The Device ID can be read continuously. The command is completed by driving CS# high. When used to release the device from the Power-Down state and obtain the Device ID, the command is the same as previously described, and shown in Figure15, except that after CS# is driven high it must remain high for a time duration of tRES2 (See AC Characteristics). After this time duration the device will resume normal operation and other command will be accepted. If the Release from Power-Down and Read Device ID command is issued while an Erase, Program or Write cycle is in process (when WIP equal 1) the command is ignored and will not have any effects on the current cycle. Figure14. Release Power-Down Sequence Diagram Figure15. Release Power-Down and Read Device ID Sequence Diagram Command 0 1 2 3 4 5 6 7 ABH CS# SCLK SI 8 9 29 30 31 MSB 2 1 0 3 Dummy Bytes 23 22 32 33 34 35 36 37 38 7 6 5 4 3 2 1 0 SO MSB t RES2 Stand-by Mode Deep Power-down Mode High-Z Device ID Command 0 1 2 3 4 5 6 7 ABH CS# SCLK SI RES1 Stand-by mode Deep Power-down mode t |