Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GD25VE32CSIS Fiches technique(PDF) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

No de pièce GD25VE32CSIS
Description  Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Site Internet  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE32CSIS Fiches technique(HTML) 58 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE32CSIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CSIS Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE32C
58
10.5. Package TFBGA-24BALL (6*4 ball array)
A
B
C
D
E
F
4
3
2
1
A
B
C
D
E
F
1
2
3
4
E
D
E1
e
e
D1
Φb
SD
SE
Dimensions
Symbol
A
A1
A2
b
D
D1
E
E1
e
SE
SD
Unit
mm
Min
0.25
0.35
5.95
3.00
BSC
7.95
5.00
BSC
1.00
BSC
0.50
TYP
0.50
TYP
Nom
0.30
0.85
0.40
6.00
8.00
Max
1.20
0.35
0.45
6.05
8.05
Inch
Min
0.010
0.014
0.234
0.118
BSC
0.313
0.197
BSC
0.039
BSC
0.020
TYP
0.020
TYP
Nom
0.012
0.033
0.016
0.236
0.315
Max
0.047
0.014
0.018
0.238
0.317
Note:Both package length and width do not include mold flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63