Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF1007 Fiches technique(PDF) 5 Page - REYCONNS CHINA LIMITED

No de pièce RF1007
Description  SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  REYCONNS [REYCONNS CHINA LIMITED]
Site Internet  http://www.reyconns.com/en/
Logo REYCONNS - REYCONNS CHINA LIMITED

RF1007 Fiches technique(HTML) 5 Page - REYCONNS CHINA LIMITED

  RF1007 Datasheet HTML 1Page - REYCONNS CHINA LIMITED RF1007 Datasheet HTML 2Page - REYCONNS CHINA LIMITED RF1007 Datasheet HTML 3Page - REYCONNS CHINA LIMITED RF1007 Datasheet HTML 4Page - REYCONNS CHINA LIMITED RF1007 Datasheet HTML 5Page - REYCONNS CHINA LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
REYCONNS
SAW Filter
RF1007
REYCONNS CHINA LIMITED
www.reyconns.com
Packing Information
Carrier Tape
* B0: 5.35 for QCC8C; 4.15 for DCC6/QCC8B; 3.35 for DCC6C/QCC8D
Reel Dimensions
Outer Packing
Type
Quantity
Dimension
Description
Weight
Internal box
1000
190×188×42
0.18
External box
10000
235×205×210
carton box
2 reel / internal box
5 boxes / external box
1.80
Unit: mm
Unit: kg
Notes
1. As a result of the particularity of inner structure of SAW products, it easy to be breakdown by
electrostatic, so we should pay attention to ESD protect in the test.
2. Static voltage between signal load and ground may cause deterioration and destruction of the
component. Please avoid static voltage.
3. Ultrasonic cleaning may cause deterioration and destruction of the component. Please avoid ultrasonic
cleaning.
4. Only leads of component may be soldered. Please avoid soldering another part of component.
5. There is a close relationship between the device's performance and matching network. The
specifications of this device are based on the test circuit shown above. L and C values may change
depending on board layout. Values shown are intended as a guide only.



Html Pages

1 2 3 4 5